PART |
Description |
Maker |
DP52-0005-TR DP52-00051 |
Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
|
Tyco Electronics
|
PSV/30A-12 PSV/750C-12 PSV/1800E-63 PSV/1600E-15 P |
28.5 MHz - 31.5 MHz, 180 deg - RF/MICROWAVE PHASE SHIFTER 712.5 MHz - 787.5 MHz, 140 deg - RF/MICROWAVE PHASE SHIFTER 1665 MHz - 1935 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 1480 MHz - 1720 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 902.5 MHz - 997.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 475 MHz - 525 MHz, 160 deg - RF/MICROWAVE PHASE SHIFTER 2312.5 MHz - 2687.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 1110 MHz - 1290 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 807.5 MHz - 892.5 MHz, 90 deg - RF/MICROWAVE PHASE SHIFTER 712.5 MHz - 787.5 MHz, 270 deg - RF/MICROWAVE PHASE SHIFTER
|
Astrodyne, Inc. MEAN WELL Enterprises Co., Ltd. NXP Semiconductors N.V.
|
PCS19HA-09015-XYZ PCS19HA-09012-XYZ PCS19HA-09013- |
1850 MHz - 1990 MHz ANTENNA-OTHER, 17.2 dBi GAIN, 90 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz ANTENNA-OTHER, 14.2 dBi GAIN, 90 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz ANTENNA-OTHER, 15.2 dBi GAIN, 90 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz ANTENNA-OTHER, 18.2 dBi GAIN, 90 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz ANTENNA-OTHER, 16.2 dBi GAIN, 90 deg 3dB BEAMWIDTH 1850 MHz - 1990 MHz ANTENNA-OTHER, 12.2 dBi GAIN, 90 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz ANTENNA-OTHER, 14.1 dBi GAIN, 65 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz ANTENNA-OTHER, 11.1 dBi GAIN, 65 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz ANTENNA-OTHER, 15.1 dBi GAIN, 65 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz ANTENNA-OTHER, 16.1 dBi GAIN, 65 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz BASE STATION/BROADCAST TRANSMISSION ANTENNA, 11.1 dBi GAIN, 65 deg 3dB BEAMWIDTH 1710 MHz - 1880 MHz ANTENNA-OTHER, 18.1 dBi GAIN, 65 deg 3dB BEAMWIDTH
|
CommScope, Inc.
|
GSC341-HYB1900 |
1850 MHz - 1990 MHz RF/MICROWAVE 90 DEGREE HYBRID COUPLER
|
|
ROS-1850-819 |
VCO, 1847 MHz - 1850 MHz ROHS COMPLIANT, CASE CK605, 16 PIN
|
Mini-Circuits
|
MPS-1820A9-85 |
1850 MHz - 1910 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
MicroWave Technology, Inc.
|
SI-7SGL1.880G |
1850 MHz - 1910 MHz RF/MICROWAVE ISOLATOR
|
HITACHI METALS LTD
|
LDC211G8814B-027 LDC15B120J1880 |
1850 MHz - 1910 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.37 dB INSERTION LOSS-MAX 1850 MHz - 1910 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.58 dB INSERTION LOSS-MAX
|
MURATA MANUFACTURING CO LTD
|
CP0603B1880BWTR CP0603B1880AWTR CP0603A2442DWTR CP |
DIR-COUPLER 18.5DB 1850-1910MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 1850 MHz - 1910 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX DIR-COUPLER 17.5DB 1850-1910MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 1850 MHz - 1910 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX DIR-COUPLER 6.5DB 2400-2484MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 2400 MHz - 2484 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX DIR-COUPLER 10.5DB 1429-4953MHZ THIN-FILM SMD-0603 LGA-SN100 T&R 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.7 dB INSERTION LOSS-MAX 869 MHz - 894 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX
|
AVX, Corp. AVX CORP
|
RMPA1966 |
RMPA1966 I-Lo TM WCDMA Band II Power Amplifier Module, 1850-1910 MHz RMPA1966 I-Lo TM WCDMA Band II Power Amplifier Module, 1850-1910 MHz
|
Fairchild Semiconductor
|
CX6187NL |
Diplexer 8-14/46-1002 MHz
|
Pulse A Technitrol Company
|
PA1133 |
1850-1910 MHz/Linear Power Amplifier 1850-1910 MHz,Linear Power Amplifier
|
MACOM[Tyco Electronics]
|
|